Part Number Hot Search : 
NTE74H04 2SK906 1N5399G SBL1060 STPS1 IRF533FI 74HC48 24220C
Product Description
Full Text Search
 

To Download SBL30U60F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SBL30U60F voltage 60v,30 amp low vf planar mos barrier schottky rectifier 07-feb-2014 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 11 1 2 22 2 3 33 3 rohs compliant product a suffix of -c specifies halogen free features  planar mos schottky technology  low forward voltage drop  high current capability  high reliability  high surge current capability  epitaxial construction mechanical data  case: molded plastic  epoxy: ul94v-0 rate flame retardant  lead: lead solderable per mil-std-202 method 208 guaranteed  polarity: as marked  mounting position: any  weight: 1.98 g (approximate) maximum ratings and electrical characteristics (rating 25c ambient temperature unless otherwise s pecified. single phase half wave, 60hz, resistive o r inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 60 v working peak reverse voltage v rsm 60 v maximum dc blocking voltage v dc 60 v (per leg) 15 maximum average forward rectified current (per device) i f 30 a peak forward surge current, 8.3 ms single half sine-w ave i fsm 250 a voltage rate of chance (rated v r ) dv/dt 10000 v / s typical thermal resistance r jc 4 c /w operating and storage temperature range t j ,t stg -40~150 c electrical characteristics parameter symbol typ. max. unit test condition 0.37 0.39 i f = 3a, t j = 25c 0.41 0.46 i f = 5a, t j = 25c 0.49 0.53 i f = 10a, t j = 25c 0.58 0.61 i f = 15a, t j = 25c maximum instantaneous forward voltage v f 0.56 - v i f = 15a, t j = 125c - 0.5 t j =25c maximum dc reverse current at rated dc blocking voltage 2 i r - 20 ma t j =100c typical junction capacitance 1 c j 520 - pf notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. pulse test pulse width = 300 s, duty cycle Q 2.0%. i to - 220 millimeter millimeter ref. min. max. ref. min. max. a 14.60 15.7 0 h 2.70 4.00 b 9.50 10.50 j 0.90 1.50 c 12.60 14.0 0 k 0.50 0.90 d 4.30 4.70 l 2.34 2.74 e 2.3 0 3.2 m 2.4 0 3.0 0 f 2.3 0 2.9 0 n 3.0 3.4 g 0.30 0.75 a m j k l l g f b n d e c h
elektronische bauelemente SBL30U60F voltage 60v,30 amp low vf planar mos barrier schottky rectifier 07-feb-2014 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SBL30U60F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X